PART |
Description |
Maker |
MAX5013 MAX5013AEPI MAX5013AEQI MAX5013BEPI MAX501 |
12-Bit 100Msps TTL DAC 12-Bit / 100Msps TTL DAC 12-Bit, 100Msps TTL DAC PARALLEL, WORD INPUT LOADING, 0.013 us SETTLING TIME, 12-BIT DAC, PQCC28
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
MC100EP01 MC10EP445 MC10H172FNR2 MC100EL29 MC100H6 |
3.3V / 5V ECL 4-Input OR/NOR 3.3V / 5VECL 8-Bit Serial/Parallel Converter Dual Binary 1-4-Decoder (High) 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset 9-Bit TTL-ECL Translator Quad TTL-ECL Translator Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 5V ECL Voltage Controlled Oscillator 3.3V ECL D-Type Flip-Flop with Set and Reset Binary to 1-8 Decoder (Low) Differential -5V ECL To TTL Translator -3.3V / -5V Triple ECL Input to PECL Output Translator 5V ECL Dual Differential 2:1 Multiplexer Quad MSTR 5V ECL Quad 4-Input OR/NOR Gate 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset Dual 4-5-Input OR/NOR
|
ON Semiconductor
|
MC100EP445 MC10H100MEL MC10E1651FNR2 NUP4201MR6T1 |
3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad 2-Input NOR Gate With Strobe 5V, -5V ECL Dual ECL Output Comparator With Latch Low Capacitance Surface Mount TVS for High-Speed Data Interfaces -3.3V / -5V Triple ECL Input to PECL Output Translator 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator
|
ON Semiconductor
|
MC100LVE210 |
3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer(3.3V ECL :4:5 差分输出缓冲 3.3 ECL:4:5扇出缓冲器差分电压(3.3V ECL:4,1:5差分输出缓冲器)
|
ON Semiconductor
|
LTC1663C LTC1663 LTC1663I LTC1663IMS8 LTC1663CS5 L |
10-Bit Rail-to-Rail Micropower DAC with 2-Wire Interface 10-Bit, 12.5 us DAC, Serial Input, Low Power 8-SOIC 0 to 70 SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO8
|
http:// LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
AD9432 |
12-Bit, 100 MSPS A/D Converter(100MSPS,12位A/D转换
|
Analog Devices, Inc.
|
LPC2378 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC 单芯6-bit/32-bit微控制器12的ISP /国际检察官联合会,以太网,USB 2.0,CAN10 kB闪存位的ADC / DAC
|
NXP Semiconductors N.V.
|
MC10H106 MC100EL29DWR2 MC10H117 MC10H117FN MC100EP |
Triple 4-3-3-Input NOR Gate 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset Dual 2-Wide 2-3-Input OR-AND/OR-AND-Invert Gate 3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing 5V ECL 2-Input XOR/XNOR 4-Wide OR-AND/OR-ANDbar Gate 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL ÷2 Divider 5V ECL Differential Data and Clock D Flip-Flop
|
ON Semiconductor
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD7545 AD7545AQ AD7545BQ AD7545CQ AD7545GCQ AD7545 |
CMOS 12-Bit Buffered Multiplying DAC CMOS 12-Bit Buffered Multiplying DAC With Onboard Data Latches CMOS 12-Bit Buffered Multiplying DAC PARALLEL, WORD INPUT LOADING, 12-BIT DAC, CDIP20
|
AD[Analog Devices] Analog Devices, Inc.
|